|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FES(F,B)8AT thru FES(F,B)8JT Vishay General Semiconductor Ultrafast Plastic Rectifier TO-220AC ITO-220AC 2 1 1 FES8xT PIN 1 PIN 2 2 FESF8xT PIN 1 CASE PIN 2 TO-263AB K FEATURES * Glass passivated chip junction * Ultrafast recovery time * Low switching losses, high efficiency * Low leakage current * High forward surge capability * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AC and ITO-220AC package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, inverters, freewheeling diodes, dc-to-dc converters, and other power switching application. MECHANICAL DATA Case: TO-220AC, ITO-220AC, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meests JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum 2 1 FESB8xT PIN 1 PIN 2 K HEATSINK PRIMARY CHARACTERISTICS IF(AV) VRRM IFSM trr VF TJ max. 8.0 A 50 V to 600 V 125 A 35 ns, 50 ns 0.95 V, 1.30 V, 1.50 V 150 C MAXIMUM RATINGS (TC = 25 C unless otherwise noted) PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 100 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Operating storage and temperature range Isolation voltage (ITO-220AC only) from terminal to heatsink t = 1 min SYMBOL VRRM VRMS VDC IF(AV) IFSM TJ, TSTG VAC FES 8AT 50 35 50 FES 8BT 100 70 100 FES 8CT 150 105 150 FES 8DT 200 140 200 8.0 125 - 55 to + 150 1500 FES 8FT 300 210 300 FES 8GT 400 280 400 FES 8HT 500 350 500 FES 8JT 600 420 600 UNIT V V V A A C V Document Number: 88600 Revision: 07-Nov-07 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 FES(F,B)8AT thru FES(F,B)8JT Vishay General Semiconductor ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted) PARAMETER Maximum instantaneous forward voltage (1) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TEST CONDITIONS 8.0 A TC = 25 C TC = 100 C IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A 4.0 V, 1 MHz SYMBOL VF FES 8AT FES 8BT FES 8CT FES 8DT FES 8FT 1.3 10 500 35 85 50 50 FES 8GT FES 8HT 1.5 FES 8JT UNIT V 0.95 IR A trr CJ ns pF THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted) PARAMETER Typical thermal resistance from junction to case SYMBOL RJC FES 2.2 FESF 5.0 FESB 2.2 UNIT C/W ORDERING INFORMATION (Example) PACKAGE TO-220AC ITO-220AC TO-263AB TO-263AB TO-220AC ITO-220AC TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N FES8JT-E3/45 FESF8JT-E3/45 FESB8JT-E3/45 FESB8JT-E3/81 FES8JTHE3/45 (1) FESF8JTHE3/45 (1) FESB8JTHE3/45 (1) FESB8JTHE3/81 (1) UNIT WEIGHT (g) 1.80 1.85 1.33 1.33 1.80 1.85 1.33 1.33 PACKAGE CODE 45 45 45 81 45 45 45 81 BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape and reel Tube Tube Tube Tape and reel www.vishay.com 2 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88600 Revision: 07-Nov-07 FES(F,B)8AT thru FES(F,B)8JT Vishay General Semiconductor RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted) 10 100 Average Forward Rectified Current (A) 8 Heatsink, Case Temperature, TC 6 Free Air, Ambient Temperature, TA Instantaneous Reverse Leakage Current (A) Resistive or Inductive Load TJ = 125 C 10 1 TJ = 100 C 50 - 200 V 500 - 600 V 0.1 TJ = 25 C 0.01 0 20 40 60 80 100 4 2 0 0 50 100 150 Temperature (C) Percent of Rated Peak Reverse Voltage (%) Figure 1. Maximum Forward Current Derating Curve Figure 4. Typical Reverse Leakage Characteristics 150 1000 TC = 100 C 8.3 ms Single Half Sine-Wave TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p Peak Forward Surge Current (A) 100 75 Junction Capacitance (pF) 125 100 50 25 50 - 200 V 500 - 600 V 10 1 10 100 0.1 1 10 100 0 Number of Cycles at 60 Hz Reverse Voltage (V) Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Figure 5. Typical Junction Capacitance 100 Instantaneous Forward Current (A) Pulse Width = 300 s 1 % Duty Cycle TJ = 125 C 10 TJ = 25 C 1 50 - 200 V 300 - 400 V 500 - 600 V 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 Instantaneous Forward Voltage (V) Figure 3. Typical Instantaneous Forward Characteristics Document Number: 88600 Revision: 07-Nov-07 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 FES(F,B)8AT thru FES(F,B)8JT Vishay General Semiconductor PACKAGE OUTLINE DIMENSIONS in inches (millimeters) TO-220AC 0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) DIA. 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) PIN 1 PIN 2 CASE ITO-220AC 0.404 (10.26) 0.384 (9.75) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.671 (17.04) 0.651 (16.54) PIN 0.076 (1.93) REF. 0.076 (1.93) REF. 7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA. 0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.603 (15.32) 0.573 (14.55) 0.600 (15.24) 0.580 (14.73) 7 REF. 0.350 (8.89) 0.330 (8.38) PIN 1 2 0.191 (4.85) 0.171 (4.35) 7 REF. 2 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.110 (2.79) 0.100 (2.54) 0.037 (0.94) 0.027 (0.68) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.025 (0.64) 0.015 (0.38) 0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.028 (0.71) 0.020 (0.51) TO-263AB 0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14) Mounting Pad Layout 0.42 (10.66) MIN. 0.624 (15.85) 0.591 (15.00) 0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41) 0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79) www.vishay.com 4 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88600 Revision: 07-Nov-07 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of FESB8AT |